Part Number Hot Search : 
SQ045 HT48RA3 106DM US5L11 000MHZ 12T20 TG35C60 SFBUY50
Product Description
Full Text Search
 

To Download FR204G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente fr201g ~ fr207g voltage 50 ~ 1000 v 2.0 a, glass passivated fast recovery rectifiers 01-april-2009 rev. b page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free features z low forward voltage drop z high current capability z high reliability z high surge current capability mechanical data z glass passivated z case: molded plastic z epoxy: ul 94v-0 rate flame retardant z lead: axial leads, solderable per mil-std-202, method 208 guaranteed z polarity: color band denotes cathode end z mounting position: any z weight: 0.4300 grams (approximately) maximum ratings and electrical characteristics rating 25 c ambient temperature unles s otherwise specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%. part numbers parameters symbol fr 201 g fr 202 g fr 203 g fr 204 g fr 205 g fr 206 g fr 207 g units testing conditions recurrent reverse voltage (max.) v rrm 50 100 200 400 600 800 1000 v rms voltage (max.) v rms 35 70 140 280 420 560 700 v dc blocking voltage (max.) v dc 50 100 200 400 600 800 1000 v instantaneous forward voltage(max.) v f 1.3 v i f = 2a average forward rectified current (max.) i o 2.0 a 0.375? (9.5mm) lead length @ t a = 75 c peak forward surge current i fsm 50 a 8.3ms single half sine-wave superimposed on rated load (jedec method) 5.0 v r = v dc , t a =25 c dc reverse current (max.) i r 100 a v r =v dc , t a =100 c reverse recovery time (max.) t rr 150 250 500 ns i f =0.5a, i r =1.0a, i rr =0.25a junction capacitance (typ.) c j 40 pf f=1mhz and applied 4v dc reverse voltage storage temperature range t stg -65 ~ 150 c a c b a d millimete r ref. min. max. a 25.4 (typ) b 5.80 7.62 c 2.60 3.60 d - 0.90 do-15
elektronische bauelemente fr201g ~ fr207g voltage 50 ~ 1000 v 2.0 a, glass passivated fast recovery rectifiers 01-april-2009 rev. b page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristic curves (fr201g thru fr207g) 0.1 1.0 .01 10 50 characteristics fig.2-typical forward current derating curve average forward current,(a) fig.5-typical junction capacitance reverse voltage,(v) junction capacitance,(pf) instantaneous forward current,(a) forward voltage,(v) pulse width 300us 1% duty cycle 0.5 1.0 1.5 2.0 2.5 3.0 140 120 100 80 60 40 20 0 (+) (+) 25vdc (approx.) ( ) ( ) pulse generator (note 2) oscilliscope (note 1) 1 non- inductive w notes: 1. rise time= 7ns max., input impedance= 1 megohm.22pf. 2. rise time= 10ns max., source impedance= 50 ohms. +0.5a 0 -0.25a -1.0a | | | | | | | | 1cm set time base for 50 / 10ns / cm trr .01 .05 .1 .5 1 5 10 50 100 d.u.t. .6 .8 1.0 1.2 1.4 1.6 1.8 2.0 3.0 single phase half wave 60hz resistive or inductive load 0.375"(9.5mm) lead length fig.3- test circuit diagram and reverse recovery time characteristics 10 noninductive 50 noninductive w w tj=25 c fig.4-maximum non-repetitive forward surge current 20 0 40 60 80 100 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method 0 20 40 60 80 100 120 140 160 180 200 0 peak forward surge current,(a) ambient temperature,( c) fig.1-typical forward


▲Up To Search▲   

 
Price & Availability of FR204G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X